Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4270
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 2Page - Analog Devices LTC4270 Datasheet HTML 3Page - Analog Devices LTC4270 Datasheet HTML 4Page - Analog Devices LTC4270 Datasheet HTML 5Page - Analog Devices LTC4270 Datasheet HTML 6Page - Analog Devices LTC4270 Datasheet HTML 7Page - Analog Devices LTC4270 Datasheet HTML 8Page - Analog Devices LTC4270 Datasheet HTML 9Page - Analog Devices LTC4270 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
LTC9105
ELECTRICAL CHARACTERISTICS
analog.com
Rev. A | 6 of 22
Table 4. Electrical Characteristics (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN TYP
MAX UNITS
MPS Pulse Current
IVIN, In Addition To Supply Current
* 20
mA
Voltage Readback (Note 1)
Full Scale Range
VIN-RTN
81.55
V
LSB Weight
VIN-RTN
9.955
mV/LSB
Conversion Period
VIN > VON
100
ms
Full Scale Count
16384
bits
Current Readback (Note 1)
Full Scale Range
SNSP-SNSN
101.1
mV
LSB Weight
SNSP-SNSN
12.34
μV/LSB
Conversion Period
VIN > VON
100
ms
Full Scale Count
16384
bits
Power Readback (Note 1)
Full Scale Range
VIN-RTN, SNSP-SNSN = 50mΩ
165.5
W
LSB Weight
VIN-RTN, SNSP-SNSN = 50mΩ
20.20
mW/LSB
Conversion Period
VIN > VON
100
ms
I2C Timing (Note 1, Figure 22)
fSCLK
Clock Frequency
*
400
kHz
t1
Bus Free Time
* 1300
ns
t2
Start Hold Time
* 600
ns
t3
SCL Low Time
* 1300
ns
t4
SCL High Time
* 600
ns
t5
SDAIN Data Hold Time
* 0
ns
SDAOUT Data Valid Time
RBYP-SCL, RBYP-SDAOUT = 10kΩ, CBYP-SCL, CBYP-SDAOUT =
10pF
470
ns
t6
Data Setup Time
* 100
ns
t7
Start Setup Time
* 600
ns
t8
Stop Setup Time
* 600
ns
tr
SCL, SDAIN Rise Time
*
300
ns
tf
SCL, SDAIN Fall Time
*
300
ns
SCL Fall to ACK Low
RBYP-SCL, RBYP-SDAOUT = 10kΩ, CBYP-SCL, CBYP-SDAOUT =
10pF
470
ns
Note 1: Guaranteed by design, not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com