Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4270
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 7Page - Analog Devices LTC4270 Datasheet HTML 8Page - Analog Devices LTC4270 Datasheet HTML 9Page - Analog Devices LTC4270 Datasheet HTML 10Page - Analog Devices LTC4270 Datasheet HTML 11Page - Analog Devices LTC4270 Datasheet HTML 12Page - Analog Devices LTC4270 Datasheet HTML 13Page - Analog Devices LTC4270 Datasheet HTML 14Page - Analog Devices LTC4270 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
LTC9105
THEORY OF OPERATION
analog.com
Rev. A | 11 of 22
Table 7. PSE Allocated Power
PD Requested Class
pse_mark
PSE Allocated Power
0
Any
13W
1
Any
3.84W
2
Any
6.49W
3
Any
13W
4
00b
13W
01b, 10b, 11b
25.5W
5
00b
13W
01b
25.5W
10b, 11b
40W
6
00b
13W
01b
25.5W
10b, 11b
51W
7
00b
13W
01b
25.5W
10b
51W
11b
62W
8
00b
13W
01b
25.5W
10b
51W
11b
71.3W
Minimum Initial Required Power
IEEE compliance requires PDs to provide an active indication to
the user when a PSE allocates insufficient power through a PSE
behavior known as demotion. For PD applications that do not
support demotion, the LTC9105 can be configured to block the PD
application from powering up and to provide an indication.
To determine if the LTC9105 should apply power, the LTC9105
compares the number of mark events provided by the PSE to the
M1 and M0 pin settings. Connect pins M1 and M0 to BYP or
RTN according to Table 8 to configure the minimum initial required
power.
Table 8. Setting Minimum Initial Required Power
Initial Power
Requirement
M1 PIN
M0 PIN
pse_mark
MOSFET State
13W or less
RTN
RTN
Any
ON
13W thru
25.5W
RTN
BYP
00b
OFF
01b, 10b, 11b
ON
25.5W thru
51W
BYP
RTN
00b, 01b
OFF
10b, 11b
ON
Greater than
51W
BYP
BYP
00b, 01b, 10b
OFF
11b
ON
When insufficient power is allocated and the AUX pin is low, the
PWRGD pin sinks IPWRGD, the Hot Swap MOSFET is turned off,
and the LTC9105 draws minimal current (see Automatic Maintain
Power Signature) to keep the PoE input powered. The PWRGD pin
and MOSFET state can be combined as an indication of insufficient
power allocation.
Link Layer Discovery Protocol (LLDP) Power Negotiation
In PoE systems, after initial power-on, power may be renegotiated
through LLDP. The LTC9105 does not have access to Ethernet data
and does not react automatically to LLDP power negotiation, includ-
ing PWRGD pin state, MOSFET state, and seamless switchover
settings.
For seamless switchover applications, the application processor
may need to update the LTC9105's power priority mode when
renegotiating power through LLDP. See Dual-Input Prioritization.
Inrush and Power On
Once the PSE detects and classifies the PD, the PSE applies
power to the PD depending on the rules described in Dual-Input
Prioritization. When the port voltage rises above the VON threshold,
and the LTC9105 determines if the PSE allocated power is equal
or higher than the PD requested power, and if an auxiliary power
source is not present (through the aux_status bit), the LTC9105
drives the external MOSFET GATE pin so as to allow a 100mA
(typ) current to charge the external bulk capacitor. When the bulk
capacitor is fully charged and the MOSFET current drops below
100mA, the external MOSFET is fully enhanced. In the event the
external MOSFET does not enhance within 93.75ms (typ), inrush
times out.
When inrush times out, the MOSFET turns off and the Automatic
MPS feature is disabled. The PD remains in this state until the
port voltage drops below VOFF. See Automatic Maintain Power
Signature for further description of the Automatic MPS feature.
Power Good
The PWRGD pin is used to hold off the downstream circuitry until
inrush is complete and the external MOSFET is fully enhanced.
The PWRGD pin first sinks IPWRGD (250uA, typ.) starting when
the port voltage rises above VON and continuing for up to tPWRGD
(93.75ms, typ.), then enters a high impedance state to allow an
external PWRGD pull-up to assert the power good indication.
AUXILIARY INPUT
The AUX pin is used to detect when an auxiliary power supply is
attached. Figure 16 shows an example of an AUX sensing circuit.
When an auxiliary power supply is detected, aux_status is set
to 1. The LTC9105 MOSFET state (ON or OFF) is configurable,
based on stdby_dis and priority bit settings; see Dual-Input
Prioritization for seamless switchover options, example AUX sens-
ing circuit, and register configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com