Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4270
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 9Page - Analog Devices LTC4270 Datasheet HTML 10Page - Analog Devices LTC4270 Datasheet HTML 11Page - Analog Devices LTC4270 Datasheet HTML 12Page - Analog Devices LTC4270 Datasheet HTML 13Page - Analog Devices LTC4270 Datasheet HTML 14Page - Analog Devices LTC4270 Datasheet HTML 15Page - Analog Devices LTC4270 Datasheet HTML 16Page - Analog Devices LTC4270 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
LTC9105
THEORY OF OPERATION
analog.com
Rev. A | 13 of 22
DUAL-INPUT PRIORITIZATION
The LTC9105 supports dual-input power path prioritized solutions.
The first input is a primary LTC9105 and the second input may be
either an auxiliary supply (see Figure 17) or a secondary LTC9105.
The LTC9105 targets seamless switchover topologies, which only
draw power from one input at a time, switching over to the secon-
dary input when power is removed from the primary input.
Details on PD/auxiliary seamless switchover are provided in this
data sheet. Contact Analog Devices for information and support
regarding dual PD seamless switchover, to enable hitless failover
between dual-port PoE supplies.
LTC9105 systems enable three power priority modes, as shown in
Table 9. An LTC9105 configured in Primary mode provides power to
the load. An LTC9105 configured in Hot Secondary mode enables
seamless switchover, providing power to the load when power is
removed from the first input. An LTC9105 may be ineligible to
provide seamless switchover due to insufficient power allocation; in
this case, an LTC9105 may be configured in Cold Secondary mode
to prevent seamless switchover when power is removed from the
first input, forcing a system reboot and power allocation refresh.
If the AUX pin is low (AUX < VAUX_TH) at LTC9105 power on,
the LTC9105 sets its priority bit and clears its stdby_dis bit,
entering Primary mode.
If the AUX pin is high (AUX > VAUX_TH) at LTC9105 power on, the
LTC9105 automatically clears its priority and stdby_dis bits,
entering Hot Secondary mode.
In Hot Secondary mode, the LTC9105 will automatically transition to
Primary mode when AUX pin goes low. This seamless switchover
ensures power is maintained at the load.
In Cold Secondary mode, the LTC9105 automatically removes MPS
when the AUX pin goes low. This behavior enables a port power
cycle through the IEEE DC MPS feature to force a system reboot
and power allocation refresh. Cold Secondary mode is used to
ensure a higher power primary input does not fail-over to a lower
power secondary input. Applications implementing Cold Secondary
mode must take care to reduce total current below the minimum
IEEE DC MPS threshold (4mA) to meet IEEE requirements for
power removal.
Current is limited by the PSE during a seamless switchover event.
The switchover threshold from primary to secondary is set using an
external AUX circuit. The switchover threshold should be set just
under the VPORT_PD-2P,MIN threshold for the application's requested
PoE Class as specified in IEEE 802.3bt standard. The IEEE stand-
ard specifies VPORT_PD-2P at the RJ-45 interface. Remember to
consider any extra voltage drops due to diode forward voltage or
resistance between the RJ-45 connector and the AUX circuit.
Figure 17. LTC9105 with Dual-Input Auxiliary Circuit
Table 9. Power Priority Modes and Behaviors
Mode
priority
stdby_dis
MOSFET State
Description
Primary
1
0
ON
MPS current is drawn automatically if load current drops below MPS.
Hot Secondary
0
0
OFF
MPS current is drawn automatically, to keep the PoE input powered.
If the primary input drops, as sensed at AUX pin, the secondary input
automatically becomes the primary input by enabling the LTC9105’s
MOSFET and setting the priority bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com