Electronic Components Datasheet Search
  English  ▼

X  

AME8821 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8821
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8821 Datasheet HTML 1Page - Analog Microelectronics AME8821 Datasheet HTML 2Page - Analog Microelectronics AME8821 Datasheet HTML 3Page - Analog Microelectronics AME8821 Datasheet HTML 4Page - Analog Microelectronics AME8821 Datasheet HTML 5Page - Analog Microelectronics AME8821 Datasheet HTML 6Page - Analog Microelectronics AME8821 Datasheet HTML 7Page - Analog Microelectronics AME8821 Datasheet HTML 8Page - Analog Microelectronics AME8821 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AME, Inc.
2
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8821
Rev.A.01
n Pin Configuration
SOT-25/TSOT-25
Top View
AME8821AEEV
1. IN
2. GND
3. ENB
4. SR
5. OUT
* Die Attach:
Conductive Epoxy
n Pin Description
SOT-25/TSOT-25
Top View
AME8821BEEV
1. IN
2. GND
3. EN
4. SR
5. OUT
* Die Attach:
Conductive Epoxy
1
3
2
5
4
AME8821
1
3
2
5
4
AME8821
Pin Number
Pin Name
Pin Description
1
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
2
GND
Ground connection pin.
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current
consuming less than 1
µA.
ENB
Enable bar pin.
When pulled high, the PMOS pass transistor turns off, current
consuming less than 1
µA.
4
SR
The SR(Slew Rate) terminal is used to control the VOUT in-rush
current.
5
OUT
LDO voltage regulator output pin.
It should be decoupled with a 4.7
µF or greater value low ESR
ceramic capacitor.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com