Electronic Components Datasheet Search
  English  ▼

X  

AME8821 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8821
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8821 Datasheet HTML 5Page - Analog Microelectronics AME8821 Datasheet HTML 6Page - Analog Microelectronics AME8821 Datasheet HTML 7Page - Analog Microelectronics AME8821 Datasheet HTML 8Page - Analog Microelectronics AME8821 Datasheet HTML 9Page - Analog Microelectronics AME8821 Datasheet HTML 10Page - Analog Microelectronics AME8821 Datasheet HTML 11Page - Analog Microelectronics AME8821 Datasheet HTML 12Page - Analog Microelectronics AME8821 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AME, Inc.
9
AME8821
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
Rev.A.01
Dropout Voltage vs. Temperature
Output Voltage vs Load Current
Quiescent Current vs Temperature
Output Spectral Noise Density vs. Frequency
Output Impedance vs. Frequency
Power Supply Ripple Rejection Ratio
0
50
100
150
200
250
300
350
400
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
V
IN = 4.3V
I
OUT = 250mA
0
100
200
300
400
100
1000
10000
100000
Frequency (Hz)
I
OUT = 250mA
I
OUT =1mA
V
IN=4.3V
C
OUT=4.7µF
C
(SR)=0.47µF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1000
10000
100000
1000000
Frequency (Hz)
I
OUT = 50mA
V
IN = 4.3V
C
OUT = 4.7µF
I
OUT = 250mA
0
5
10
15
20
25
30
-40
-25
-10
5
20
35
50
65
80
95
110
125
V
IN = 4.3V
I
OUT = 1mA
I
OUT = 250mA
Temperature (oC)
3.260
3.265
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
15 30 45 60 75 90 105 120135150165 180195 210225 240
Load Current (mA)
V
IN = 4.3V
T
A = 25
oC
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
I
OUT = 250mA
I
OUT = 1mA
V
IN = 4.3V
V
OUT = 3.3V
C
OUT = 4.7µF
C
(SR) = 0.47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com