Electronic Components Datasheet Search
  English  ▼

X  

AME8821 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AME8821
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AME8821 Datasheet HTML 7Page - Analog Microelectronics AME8821 Datasheet HTML 8Page - Analog Microelectronics AME8821 Datasheet HTML 9Page - Analog Microelectronics AME8821 Datasheet HTML 10Page - Analog Microelectronics AME8821 Datasheet HTML 11Page - Analog Microelectronics AME8821 Datasheet HTML 12Page - Analog Microelectronics AME8821 Datasheet HTML 13Page - Analog Microelectronics AME8821 Datasheet HTML 14Page - Analog Microelectronics AME8821 Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AME, Inc.
13
AME8821
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
Rev.A.01
n Tape and Reel Dimension
Carrier Tape, Number of Components Per Reel and Reel Size
W
P
AME
AME
PIN 1
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TSOT-25
8.0±0.1 mm
4.0±0.1 mm
3000pcs
180±1 mm
TSOT-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com