Electronic Components Datasheet Search
  English  ▼

X  

MLV Datasheet(PDF) 3 Page - YAGEO Corporation

Part # MLV
Description  Multi-Layer Chip Varistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MLV Datasheet(HTML) 3 Page - YAGEO Corporation

  MLV Datasheet HTML 1Page - YAGEO Corporation MLV Datasheet HTML 2Page - YAGEO Corporation MLV Datasheet HTML 3Page - YAGEO Corporation MLV Datasheet HTML 4Page - YAGEO Corporation MLV Datasheet HTML 5Page - YAGEO Corporation MLV Datasheet HTML 6Page - YAGEO Corporation MLV Datasheet HTML 7Page - YAGEO Corporation MLV Datasheet HTML 8Page - YAGEO Corporation MLV Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DIMENSIONS
Fig1. outline
T
L2 and L3
size
L1
W
MIN.
MAX.
MIN.
MAX.
L4
0402
1.0
± 0.05
0.5
± 0.05
0.45
0.55
0.15
0.30
0.40
0603
1.6
± 0.10
0.8
± 0.07
0.73
0.87
0.20
0.60
0.40
Thickness classification and packaging quantities:
8mm Tape width/ Amount per reel
∅180mm; 7"
Thickness
Classification
(mm)
Paper
0.5
±0.05
10000
0.8
±0.07
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com