Electronic Components Datasheet Search
  English  ▼

X  

MLV Datasheet(PDF) 4 Page - YAGEO Corporation

Part # MLV
Description  Multi-Layer Chip Varistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MLV Datasheet(HTML) 4 Page - YAGEO Corporation

  MLV Datasheet HTML 1Page - YAGEO Corporation MLV Datasheet HTML 2Page - YAGEO Corporation MLV Datasheet HTML 3Page - YAGEO Corporation MLV Datasheet HTML 4Page - YAGEO Corporation MLV Datasheet HTML 5Page - YAGEO Corporation MLV Datasheet HTML 6Page - YAGEO Corporation MLV Datasheet HTML 7Page - YAGEO Corporation MLV Datasheet HTML 8Page - YAGEO Corporation MLV Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ordering information
VR
S
0402
S
R
55R
500
N
Code 1
Series Name
VR= Varistor
Code 4
Varistor voltage Tolerance
K= ±10%, M=±20%, L=+/-15%,
S=Special range
Code 5
Packing Style
R= Paper tape
reel
ϕ 7 inch
Code 6
Working Voltage
55R=5.5V
090=9V
110=16V
140=14V
180=18V
220=22V
260=26V
300=30V
380=38V
450=45V
Code 7
Capacitance Value
(2 Significant Digits+No.
of Zeros) The 3rd Digit is
exponent
Letter R is Decimal Point
0=x1
1=x10
1
Code 8
Special Code
N=Normal
Code 2
Chip Type
S= Single chip
Code 3
Size
0402
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com