Electronic Components Datasheet Search
  English  ▼

X  

MLV Datasheet(PDF) 5 Page - YAGEO Corporation

Part # MLV
Description  Multi-Layer Chip Varistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MLV Datasheet(HTML) 5 Page - YAGEO Corporation

  MLV Datasheet HTML 1Page - YAGEO Corporation MLV Datasheet HTML 2Page - YAGEO Corporation MLV Datasheet HTML 3Page - YAGEO Corporation MLV Datasheet HTML 4Page - YAGEO Corporation MLV Datasheet HTML 5Page - YAGEO Corporation MLV Datasheet HTML 6Page - YAGEO Corporation MLV Datasheet HTML 7Page - YAGEO Corporation MLV Datasheet HTML 8Page - YAGEO Corporation MLV Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DEVICE RATING AND SPECIFICATIONS
Table 1
0402
Resistance
Varistor
voltage/
Breakdown
Voltage
Maximum
Continuous
Voltage/
Working
Voltage
Clamping
Voltage
Peak
current
R.T.(15~35℃)
Capacitance
@ 1 V(rms)
Size
DC @1mA
D.C
8/20μs
8/20μs Voltage Resistance
(pF)
Phycomp
Part number
(Inch)
(V)
(V)
max.
(V)
max.
(A)
(A)
max.
(V)
(MΩ)
min.
1KHz 1MHz
VRS0402MR55R651N
0402
6.4~9.6
5.5
14
1
30
3
1
650
390
VRS0402MR55R331N
0402
6.4~9.6
5.5
15
1
30
3
1
330
200
VRS0402KR090500N
0402
10.2~13.8
9
22
1
20
3
1
50
30
VRS0402KR090101N
0402
10.2~13.8
9
22
1
20
3
1
100
60
VRS0402LR090201N
0402
10.2~13.8
9
22
1
20
3
1
200
120
VRS0402LR110181N
0402
12.75~17.25
11
27
1
20
3
1
180
110
VRS0402LR140161N
0402
15.3~20.7
14
33
1
20
3
1
160
96
VRS0402KR160121N
0402
19.8~24.2
16
40
1
18
3
1
120
72
VRS0402KR180900N
0402
21.6~26.4
18
44
1
14
3
1
90
54
VRS0402KR220820N
0402
24.3~29.7
22
49
1
14
3
1
82
50
VRS0402KR260550N
0402
29.7~36.3
26
60
1
10
3
1
55
33
VRS0402KR300400N
0402
35.1~42.9
30
71
1
8
3
1
40
24
VRS0402SR55R220N
0402
10~14
5.5
22
1
2
3
1
22
13
VRS0402SR55R330N
0402
10~14
5.5
22
1
4
3
1
33
20
VRS0402SR55R500N
0402
10~14
5.5
22
1
6
3
1
50
30
VRS0402SR55R680N
0402
10~14
5.5
22
1
8
3
1
68
41
VRS0402SR55R820N
0402
10~14
5.5
22
1
9
3
1
82
49
VRS0402SR55R101N
0402
10~14
5.5
22
1
11
3
1
100
60
VRS0402SR55R601N
0402
10~14
5.5
22
1
65
3
1
600
360
VRS0402SR140500N
0402
18~24
14
38
1
7
3
1
50
30
VRS0402SR140101N
0402
18~24
14
38
1
15
3
1
100
60
VRS0402SR180820N
0402
24~32
18
51
1
2
3
1
82
49
VRS0402SR180120N
0402
24~32
18
51
1
2
3
1
12
7
VRS0402SR180150N
0402
24~32
18
51
1
3
3
1
15
9
VRS0402SR180270N
0402
24~32
18
51
1
5
3
1
27
16
VRS0402SR180121N
0402
24~32
18
51
1
20
3
1
120
72
VRS0402SR180181N
0402
24~32
18
51
1
20
3
1
180
108
VRS0402SR180030N
0402
38~46
18
76
1
3
3
1
3
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com