Electronic Components Datasheet Search
  English  ▼

X  

CE6260 Datasheet(PDF) 3 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6260
Description  Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6260 Datasheet(HTML) 3 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6260 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
V1.5
3(10)
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
CE6260
Si
ELECTRICAL CHARACTERISTICS
CE6260 Series
(VIN=VOUT+1V,CIN = COUT = 3.3μF,Ta=25℃,unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT(E)
(Note 2)
IOUT=100mA,
VIN=VOUT+1V,
VIN≥2V
1.5V<VOUT≤5.0V
VOUT
*0.98
VOUT
(Note 1)
VOUT
*1.02
V
0.9V≤VOUT≤1.5V
VOUT
-0.03
VOUT
VOUT
+0.03
V
Supply Current
ISS
VCE=VIN=VOUT +1V
6
μA
Shutdown Current
ISHDN
-
0.1
1.0
μA
Output Current
IOUT
VIN≥2V, VIN=VOUT+1V
500
mA
Dropout Voltage
(Note 3)
Vdif1
IOUT =100mA
120
mV
Vdif2
IOUT =500mA
650
mV
Load Regulation
∆VOUT
VIN=VOUT+1V, 1mA≤IOUT≤500mA
70
mV
Line Regulation
∆VOUT
∆VIN * VOUT
IOUT =100mA
VOUT+1V≤VIN≤6V
0.1
%/V
Output Voltage
Temperature
Characteristics
∆VOUT
∆T * VOUT
IOUT =40mA
-40≤T≤+85
100
ppm/
℃
Power Supply
Ripple
Rejection
1kHZ
PSRR
IOUT =50mA
65
dB
10kHZ
60
Short Current
IShort
VOUT =VSS
30
mA
Current Limit
ILim
VIN= VOUT +1V
650
mA
Input Voltage
VIN
-
2.0
6.0
V
CE "High" Voltage
VCE “H”
1.5
VIN
V
CE "Low" Voltage
VCE “L”
0.3
V
NOTE:
1. VOUT:Specified Output Voltage.
2. VOUT (E) :Effective Output Voltage ( I.e. The Output Voltage When VIN = (VOUT +1.0V)
And Maintain A Certain IOUT Value).
3. Vdiff:The Difference Of Output Voltage And Input Voltage When Input Voltage Is
Decreased Gradually Till Output Voltage Equals To 98% Of VOUT (E); When VOUT<2.0V,
VIN≥2.0V Should be Guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com