Electronic Components Datasheet Search
  English  ▼

X  

CE6260 Datasheet(PDF) 1 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6260
Description  Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6260 Datasheet(HTML) 1 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6260 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V1.5
1(10)
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
CE6260
Si
INTRODUCTION
The CE6260 Series are a group of
positive voltage regulators manufactured
by CMOS technologies with high ripple
rejection,
extremely
low
power
consumption and low dropout voltage,
which provide large output currents even
when the difference of the input-output
voltage is small. Each of the CE6260
series consists of a high-precision
voltage reference, an error correction
circuit, and a current limited output driver.
Thus the series are very suitable for the
battery-powered equipments, such as
Portable/Palm
computers,
Portable
consumer
equipments,
industry
equipments and so on, which want to
prolong the using life of the battery.
FEATURES
Output Current: 500mA (Typ.)
Quick Start-Up: 50μs (Typ.)
Built-in Quick Discharge Circuit
Output Voltage Range:
0.9V~5.0V(selectable in 0.1V steps)
High Accuracy: ±2%(Typ.)
Dropout Voltage:
120mV@100mA(3.0V Typ.)
Excellent Line Regulation: 0.1%/V
Built-in Current Limiter
Built-in Short Circuit Protection
Static safety, 2KV@HBM
TC: 100ppm/℃
Low ESR Capacitor: Ceramic
Compatible
APPLICATIONS
Battery powered systems
Portable instrumentations
Reference Voltage Sources
Radio control systems
Portable/Palm computers
Portable consumer equipments
BLOCK DIAGRAM
ORDER INFORMATION
DESIGNATOR
SYMBOL
DESCRIPITION
①
A
Standard
B
With Shutdown Function
②③
Integer
Output Voltage (0.9~5V)
e.g:3.0V=②:3, ③:0
④
M
Package:SOT-23-3/5
P
Package:SOT-89-3/5
Low Dropout Voltage High PSRR
500mA CMOS LDO Regulator
CE6260 Series
CE6260①②③④


Similar Part No. - CE6260

ManufacturerPart #DatasheetDescription
logo
NANJING CHIPOWER ELECTR...
CE6208 CHIPOWER-CE6208 Datasheet
387Kb / 11P
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
V1.1
CE6219 CHIPOWER-CE6219 Datasheet
379Kb / 10P
Low Dropout Voltage 300mA CMOS LDO Regulator
V1.3
CE6219P33M CHIPOWER-CE6219P33M Datasheet
379Kb / 10P
Low Dropout Voltage 300mA CMOS LDO Regulator
V1.3
logo
Adam Technologies, Inc.
CE62U ADAM-TECH-CE62U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CE62U ADAM-TECH-CE62U Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results

Similar Description - CE6260

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com