Electronic Components Datasheet Search
  English  ▼

X  

CE6260 Datasheet(PDF) 7 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6260
Description  Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6260 Datasheet(HTML) 7 Page - NANJING CHIPOWER ELECTRONICS INC.

Back Button CE6260 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 10Page - NANJING CHIPOWER ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
V1.5
Low D
Si
S
Dropout Vo
SOT-89-3 PA
oltage High
ACKAGE O
h PSRR 500
OUTLINE DI
7(10)
0mA CMOS
MENSIONS
S LDO Reg
S
ulator
CE6260



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com