Electronic Components Datasheet Search
  English  ▼

X  

ETA1661 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ETA1661
www.etasolution.com
3
Empowering Thinkers
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
EN Input Current
2
6
uA
Thermal Shutdown
155
°
C
Thermal Hysteresis
40
°
C
PIN DESCRIPTION
PIN #
PIN NAME
DESCRIPTION
1
VIN
Supply Voltage. Bypass with a 100nF HF filter plus a 10μF ceramic capacitor
to GND
2
SW
Inductor Connection. Connect an inductor Between SW and the regulator
output.
3
GND
Ground
4
BST
Bootstrap pin. Connect a 100nF capacitor from this pin to SW
5
EN
Enable pin for the IC. Drive this pin high to enable the part, low or floating to
disable.
6
FB
Feedback Input. Connect an external resistor divider from the output to FB and
GND to set VOUT.
FUNCTIONAL BLOCK DIAGRAM
COMP
Σ
COT
logic
Anti
Shoot
Through
Driver
Ilim
QZX
IN
FB
GND
SW
EN
BST
UVLO&
Thermal
shutdown
REG&
REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com