Electronic Components Datasheet Search
  English  ▼

X  

ETA1661 Datasheet(PDF) 7 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661 Datasheet(HTML) 7 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ETA1661
www.etasolution.com
7
Empowering Thinkers
is again enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal
protection circuit may cycle on and off.
This cycling limits regulator dissipation, protecting the device from damage as a result of overheating.
OUTPUT VOLTAGE CONFIGURATION
In external Output Voltage Setting Version selected, the ETA1661 regulator is programmed using an
external resistor divider. The output voltage is calculated using below equation.
VOUT=VREF× (1+
R1
R2
)
Resistors R2 has to be between 1kOhm to 20KOhm and thus R1 is calculated by following equation.
R1=
�VOUTV
REF
-1
�×R2
PCB LAYOUT GUIDELINE
1
2
3
6
4
VIN
GND
SW
FB
BST
5 EN
ETA1661
Place as many vias as possible to
connect the Output Cap and GND
Place as many vias as possible to
connect the Input Cap and GND
R2
L
Cout
Cin
GND
VOUT
GND
GND
Capacitor should be
placed as closed to the
IC as possible
R2 between FB
and GND, it is the
lower resistor of
the voltage divider
to set the Vout ,
R2 has to be
connected to the
GND with
separated trace



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com