Electronic Components Datasheet Search
  English  ▼

X  

ETA1661 Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661 Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ETA1661
www.etasolution.com
6
Empowering Thinkers
FEATURE DESCRIPTION
The ETA1661 is a synchronous buck regulator ICs that integrates the adaptive COT control, top and
bottom switches on the same die to minimize the switching transition loss and conduction loss.
ETA1661 is a wide input range, high-efficiency and high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 4A of output current. It adopts an Adaptive COT control scheme that
enables very fast transient response and provides a very smooth transition when the output varies from
light load to heavy load. It compares the sum of the FB voltage and a ripple voltage that mimics the
voltage due to the output ESR and capacitance. The constant-on-time timer varies with line to achieve
relative constant switching frequency across line.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFET, power is lost due to
the finite Rdson of the MOSFET and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ETA1661 goes into a power save mode during light load, thereby
extending the range of high efficiency operation.
Enable
EN is a digital control pin that turns the ETA1661 on and off. Drive EN High to turn on the regulator, drive it
Low to turn it off. An internal 1MΩ resistor from EN pin to GND allows EN to float to shut down the chip.
Connecting the EN pin through a pull up resistor or shorted EN to IN will automatically turn on the chip
whenever plug in IN.
Over Current Protection and Hiccup
ETA1661 has a cycle-by-cycle over current limit for both inductor current peak value and inductor current
valley value. Meanwhile both inductor currents during LS_FET ON or HS_FET ON are monitored. During
LS_FET on, sensed inductor current is monitored by a valley current limit comparator. HS_FET always wait
until valley current limit disappear to be on again. Once, HS_FET is ON, it will be immediately OFF whenever
max on time or peak current limit is reached.
When the output voltage drop until FB falls below UV threshold (70% Vnormal), the ETA1661 will enter hiccup
mode. It will turn off the chip immediately for 6mS. After that, it will try to re-starts as normal for 2ms. After
2ms, if FB is still below UV threshold, then the chip enters hiccup mode again. If FB is higher than UV
threshold, it will enter the normal mode.
Over-Temperature Protection
Thermal protection disables the output when the junction temperature rises to approximately 150°C, allowing
the device to cool down. When the junction temperature cools down approximately 110°C, the output circuitry



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com