Electronic Components Datasheet Search
  English  ▼

X  

IL3022 Datasheet(PDF) 3 Page - NVE Corporation

Part # IL3022
Description  Low-Cost Isolated RS485/RS422 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3022 Datasheet(HTML) 3 Page - NVE Corporation

  IL3022 Datasheet HTML 1Page - NVE Corporation IL3022 Datasheet HTML 2Page - NVE Corporation IL3022 Datasheet HTML 3Page - NVE Corporation IL3022 Datasheet HTML 4Page - NVE Corporation IL3022 Datasheet HTML 5Page - NVE Corporation IL3022 Datasheet HTML 6Page - NVE Corporation IL3022 Datasheet HTML 7Page - NVE Corporation IL3022 Datasheet HTML 8Page - NVE Corporation IL3022 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IL3022
3
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Safety and Approvals
IEC 60747-17 (VDE 0884-17):2021-10
(Basic Isolation; VDE File Number 5016933-4880-0001)
•
Working Voltage (VIORM) 600 VRMS (848 VPK); basic insulation; pollution degree 2
•
Isolation voltage (VISO) 2500 VRMS
•
Transient overvoltage (VIOTM) 4000 VPK
•
Surge rating 4000 V
•
Each part tested at 1590 VPK for 1 second, 5 pC partial discharge limit
•
Samples tested at 4000 VPK for 60 sec.; then 1358 VPK for 10 sec. with 5 pC partial discharge limit
•
Working Voltage 600 VRMS
Safety-Limiting Values
Symbol
Value
Units
Safety rating ambient temperature
TS
180
°C
Safety rating power (180°C)
PS
270
mW
Supply current safety rating (total of supplies)
IS
54
mA
UL 1577
(Component Recognition Program File Number E207481)
Each part tested at 3000 VRMS (4240 VPK) for 1 second; each lot sample tested at 2500 VRMS (3530 VPK) for 1 minute
Soldering Profile
Per JEDEC J-STD-020C, MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com