Electronic Components Datasheet Search
  English  ▼

X  

IL3022 Datasheet(PDF) 6 Page - NVE Corporation

Part # IL3022
Description  Low-Cost Isolated RS485/RS422 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3022 Datasheet(HTML) 6 Page - NVE Corporation

Back Button IL3022 Datasheet HTML 2Page - NVE Corporation IL3022 Datasheet HTML 3Page - NVE Corporation IL3022 Datasheet HTML 4Page - NVE Corporation IL3022 Datasheet HTML 5Page - NVE Corporation IL3022 Datasheet HTML 6Page - NVE Corporation IL3022 Datasheet HTML 7Page - NVE Corporation IL3022 Datasheet HTML 8Page - NVE Corporation IL3022 Datasheet HTML 9Page - NVE Corporation IL3022 Datasheet HTML 10Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IL3022
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Switching Characteristics
VDD1 = 5 V, VDD2 = 5 V
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
4
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(4)
tPD
48
150
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Pulse Skew(5)
tSK(P)
6
15
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Output Enable Time To High Level
tPZH
33
50
ns
CL = 15 pF
Output Enable Time To Low Level
tPZL
33
50
ns
CL = 15 pF
Output Disable Time From High Level
tPHZ
33
50
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
33
50
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)
|CMH|,|CML|
30
50
kV/μs
VCM = 1500 VDC
tTRANSIENT = 25 ns
VDD1 = 3.3 V, VDD2 = 5 V
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
4
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(4)
tPD
48
150
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Pulse Skew(5)
tSK(P)
6
20
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Output Enable Time To High Level
tPZH
33
50
ns
CL = 15 pF
Output Enable Time To Low Level
tPZL
33
50
ns
CL = 15 pF
Output Disable Time From High
Level
tPHZ
33
50
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
33
50
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)
|CMH|,|CML|
30
50
kV/μs
VCM = 1500 VDC
tTRANSIENT = 25 ns
Magnetic Field Immunity(7)
VDD1 = 5 V, VDD2 = 5 V
Power Frequency Magnetic Immunity
HPF
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4500
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(8)
KX
2.5
VDD1 = 3.3 V, VDD2 = 5 V
Power Frequency Magnetic Immunity
HPF
1500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
2000
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
2000
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(8)
KX
2.5
Insulation Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
8.03
8.3
mm
Per IEC 60601
Total Barrier Thickness (internal)
0.012
0.013
mm
Barrier Resistance
RIO
>1014
Ω
500 V
Barrier Capacitance
CIO
7
pF
f = 1 MHz
Leakage Current
0.2
μARMS
240 VRMS, 60 Hz
Comparative Tracking Index
CTI
≥175
V
Per IEC 60112
High Voltage Endurance
(Maximum Barrier Voltage
for Indefinite Life)
AC
DC
VIO
1000
1500
VRMS
VDC
At maximum
operating temperature
Barrier Life
44000
Years
100°C, 1000 VRMS, 60%
CL activation energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com