Electronic Components Datasheet Search
  English  ▼

X  

IL3022 Datasheet(PDF) 8 Page - NVE Corporation

Part # IL3022
Description  Low-Cost Isolated RS485/RS422 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3022 Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL3022 Datasheet HTML 4Page - NVE Corporation IL3022 Datasheet HTML 5Page - NVE Corporation IL3022 Datasheet HTML 6Page - NVE Corporation IL3022 Datasheet HTML 7Page - NVE Corporation IL3022 Datasheet HTML 8Page - NVE Corporation IL3022 Datasheet HTML 9Page - NVE Corporation IL3022 Datasheet HTML 10Page - NVE Corporation IL3022 Datasheet HTML 11Page - NVE Corporation IL3022 Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IL3022
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.
Power Supply Decoupling
VDD1 and VDD2 should be bypassed with 0.1 µF typical (0.047 µF minimum) capacitors as close as possible to the VDD pins.
Maintaining Creepage
Creepage distances are often critical in isolated circuits. In addition to meeting JEDEC standards, NVE isolator packages have unique creepage
specifications. Standard pad libraries often extend under the package, compromising creepage and clearance. Similarly, ground planes, if used,
should be spaced to avoid compromising clearance. Package drawings and recommended pad layouts are included in this datasheet.
DC Correctness
The IL3022 incorporates a patented refresh circuit to maintain the correct output state with respect to data input. At power up, the bus outputs
will follow the Function Table shown on page 1 of this datasheet. The DE input should be held low during power-up to eliminate false drive data
pulses from the bus. An external power supply monitor to minimize glitches caused by slow power-up and power-down transients is not required.
Electromagnetic Compatibility
The IL3022 is fully compliant with IEC 61000-6-1 and IEC 61000-6-2 standards for immunity, and IEC 61000-6-3, IEC 61000-6-4, CISPR, and
FCC Class A standards for emissions.
The IsoLoop Isolator’s Wheatstone bridge configuration and differential magnetic field signaling ensure excellent EM immunity.
Immunity to external magnetic fields is even higher if the field direction is “end-to-end” (rather than to “pin-to-pin”) as shown at
right
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com