Electronic Components Datasheet Search
  English  ▼

X  

1020003 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1020003
Description  TMC 72C 12A - Miniature Circuit Breaker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1020003 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1020003 Datasheet HTML 1Page - PHOENIX CONTACT 1020003 Datasheet HTML 2Page - PHOENIX CONTACT 1020003 Datasheet HTML 3Page - PHOENIX CONTACT 1020003 Datasheet HTML 4Page - PHOENIX CONTACT 1020003 Datasheet HTML 5Page - PHOENIX CONTACT 1020003 Datasheet HTML 6Page - PHOENIX CONTACT 1020003 Datasheet HTML 7Page - PHOENIX CONTACT 1020003 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Material specifications
light gray (RAL 7035)
Color
gray (RAL 7042)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-35 °C ... 70 °C
Humidity test
48 h, 95% RH, 40°C (IEC 60068-2-78)
Shock (operation)
30g (11 ms) (IEC 60068-2-11, test Ea)
Vibration (operation)
±0.38 mm (10-57 Hz), 5g (57...500 Hz) (Sinusoidal test to IEC
60068-2-6, Test Fc. 10 frequency cycles per axis)
Standards and regulations
Standards/specifications
UL 1077
Standards/specifications
IEC 60947-2
Mounting
Mounting type
NS 35/...
TMC 72C 12A - Miniature Circuit Breaker
1020003
https://www.phoenixcontact.com/us/products/1020003
Apr 10, 2025, 12:12 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com