Electronic Components Datasheet Search
  English  ▼

X  

1020003 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1020003
Description  TMC 72C 12A - Miniature Circuit Breaker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1020003 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1020003 Datasheet HTML 1Page - PHOENIX CONTACT 1020003 Datasheet HTML 2Page - PHOENIX CONTACT 1020003 Datasheet HTML 3Page - PHOENIX CONTACT 1020003 Datasheet HTML 4Page - PHOENIX CONTACT 1020003 Datasheet HTML 5Page - PHOENIX CONTACT 1020003 Datasheet HTML 6Page - PHOENIX CONTACT 1020003 Datasheet HTML 7Page - PHOENIX CONTACT 1020003 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
thermal-magnetic Miniature Circuit Breaker, 2-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: C, mounting type: NS 35/..., rated current: 12 A
Your advantages
Can be used worldwide due to international approvals
•
Suitable for various grid types, as it is available in 1-, 2-, 3-pos. versions
•
Ideally coordinated protection due to various tripping characteristics and a wide selection of nominal currents
•
Reduced inventory because of suitability for AC and DC applications
•
Optional accessories enable remote control and monitoring
•
Commercial data
Item number
1020003
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
CL09
Product key
CLA126
GTIN
4055626508894
Weight per piece (including packing)
222.222 g
Weight per piece (excluding packing)
222.222 g
Customs tariff number
85362010
Country of origin
CN
TMC 72C 12A - Miniature Circuit Breaker
1020003
https://www.phoenixcontact.com/us/products/1020003
Apr 10, 2025, 12:12 AM
Page 1 (8)


Similar Part No. - 1020003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020000 PHOENIX-1020000 Datasheet
318Kb / 8P
TMC 72C 07A - Miniature Circuit Breaker
logo
Weidmuller
1020000000 WEIDMULLER-1020000000 Datasheet
96Kb / 5P
Product catalogue Terminals Screwing technology W-series modular terminals Modular feed-through terminals
logo
PHOENIX CONTACT
1020001 PHOENIX-1020001 Datasheet
321Kb / 8P
TMC 72C 08A - Miniature Circuit Breaker
logo
ERNI Electronics
102000100001 ERNI-102000100001 Datasheet
68Kb / 1P
Messerl. SMC-Q-12-SMD-BA7-03
logo
PHOENIX CONTACT
1020008 PHOENIX-1020008 Datasheet
321Kb / 8P
TMC 72C 25A - Miniature Circuit Breaker
More results

Similar Description - 1020003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019999 PHOENIX-1019999 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72C 06A
01/13/2022
0902014 PHOENIX-0902014 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 0,5A
01.06.2012
0902043 PHOENIX-0902043 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 03A
01.06.2012
0902069 PHOENIX-0902069 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 06A
05.10.2012
0902108 PHOENIX-0902108 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 20A
05.10.2012
0902137 PHOENIX-0902137 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 40A
04.10.2012
0902263 PHOENIX-0902263 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 25A
04.10.2012
0902289 PHOENIX-0902289 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 40A
01.06.2012
0902357 PHOENIX-0902357 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 04A
01.06.2012
0902412 PHOENIX-0902412 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 25A
01.06.2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com