Electronic Components Datasheet Search
  English  ▼

X  

1020003 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1020003
Description  TMC 72C 12A - Miniature Circuit Breaker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1020003 Datasheet(HTML) 8 Page - PHOENIX CONTACT

  1020003 Datasheet HTML 1Page - PHOENIX CONTACT 1020003 Datasheet HTML 2Page - PHOENIX CONTACT 1020003 Datasheet HTML 3Page - PHOENIX CONTACT 1020003 Datasheet HTML 4Page - PHOENIX CONTACT 1020003 Datasheet HTML 5Page - PHOENIX CONTACT 1020003 Datasheet HTML 6Page - PHOENIX CONTACT 1020003 Datasheet HTML 7Page - PHOENIX CONTACT 1020003 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Environmental product compliance
EU RoHS
Fulfills EU RoHS substance requirements
Yes, No exemptions
China RoHS
EFUP-E
Environment friendly use period (EFUP)
No hazardous substances above the limits
EU REACH SVHC
REACH candidate substance (CAS No.)
No substance above 0.1 wt%
Phoenix Contact 2025 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
TMC 72C 12A - Miniature Circuit Breaker
1020003
https://www.phoenixcontact.com/us/products/1020003
Apr 10, 2025, 12:12 AM
Page 8 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com