Electronic Components Datasheet Search
  English  ▼

X  

CRE6358 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CRE6358
Description  Green Energy Saving Current Mode PWM Power Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CRE6358 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CRE6358 Datasheet HTML 1Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 2Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 3Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 4Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 5Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 6Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
制订:2015-02-11
总 7 页
第 7 页
CRE6353/58/59 SF
绿色节能电流模式 PWM 功率转换器
毫米
英寸
符号
最小
典型
最大
最小
典型
最大
A
1.346
1.752
0.053
0.069
A1
0.101
0.254
0.004
0.01
b
0.406
0.016
c
0.203
0.008
D
4.648
4.978
0.183
0.196
E
3.81
3.987
0.15
0.157
e
1.016
1.27
1.524
0.04
0.05
0.06
F
0.381X45°
0.015X45°
H
5.791
6.197
0.228
0.244
L
0.406
1.27
0.016
0.05
0。
0°
8°
0°
8°
http://bjmdz.1688.com TEL:13538290828



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com