Electronic Components Datasheet Search
  English  ▼

X  

HMC620 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC620
Description  GaAs MMIC I/Q MIXER 3 - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC620 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC620 Datasheet HTML 1Page - Hittite Microwave Corporation HMC620 Datasheet HTML 2Page - Hittite Microwave Corporation HMC620 Datasheet HTML 3Page - Hittite Microwave Corporation HMC620 Datasheet HTML 4Page - Hittite Microwave Corporation HMC620 Datasheet HTML 5Page - Hittite Microwave Corporation HMC620 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
3 - 159
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
1234
2.5
29
35
48
30
326
33
51
39
428
32
39
43
528
36
45
52
636
44
60
41
740
36
58
34
846
37
55
46
LO = +15 dBm
Values in dBc below input LO level measured at RF Port.
MxN Spurious Outputs
nLO
mRF
0
1234
0xx1
15
28
69
1150
30
39
50
269
67
78
60
71
395
95
95
73
95
4
9595959595
RF = 5.6 GHz @ -10 dBm
LO = 5.5 GHz @ +15 dBm
Data taken without IF 90˚ hybrid
All values in dBc with reference to output power at IF= 100 MHz
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Channel Temperature
150 °C
Continuous Pdiss (T=85°C)
(derate 14.2 mW/°C above 85°C)
925 mW
Thermal Resistance (R
TH
)
(channel to die bottom)
70.2 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.
8. OVERALL DIE SIZE ±.002”
Die Packaging Information [1]
Standard
Alternate
WP-3
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC620
v01.1007
GaAs MMIC I/Q MIXER
3 - 7 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com