Electronic Components Datasheet Search
  English  ▼

X  

HMC620 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC620
Description  GaAs MMIC I/Q MIXER 3 - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC620 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC620 Datasheet HTML 1Page - Hittite Microwave Corporation HMC620 Datasheet HTML 2Page - Hittite Microwave Corporation HMC620 Datasheet HTML 3Page - Hittite Microwave Corporation HMC620 Datasheet HTML 4Page - Hittite Microwave Corporation HMC620 Datasheet HTML 5Page - Hittite Microwave Corporation HMC620 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3 - 158
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolations
Amplitude Balance vs. LO Drive
IF Bandwidth*
Phase Balance vs. LO Drive
Upconverter Performance Conversion
Gain vs. LO Drive
Upconverter Performance Sideband
Rejection vs. LO Drive
* Conversion gain data taken with external IF 90˚ hybrid
-2
-1
0
1
2
2.5
3.5
4.5
5.5
6.5
7.5
LO = 13 dBm
LO = 15 dBm
LO = 17 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
2.5
3.5
4.5
5.5
6.5
7.5
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
RF FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
CONVERSION GAIN
RETURN LOSS
IF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
2.5
3.5
4.5
5.5
6.5
7.5
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
2.5
3.5
4.5
5.5
6.5
7.5
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
RF FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
2.5
3.5
4.5
5.5
6.5
7.5
LO/RF
RF/IF1
LO/IF1
RF/IF2
LO/IF2
RF FREQUENCY (GHz)
HMC620
v01.1007
GaAs MMIC I/Q MIXER
3 - 7 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com