Electronic Components Datasheet Search
  English  ▼

X  

HMC620 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC620
Description  GaAs MMIC I/Q MIXER 3 - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC620 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC620 Datasheet HTML 1Page - Hittite Microwave Corporation HMC620 Datasheet HTML 2Page - Hittite Microwave Corporation HMC620 Datasheet HTML 3Page - Hittite Microwave Corporation HMC620 Datasheet HTML 4Page - Hittite Microwave Corporation HMC620 Datasheet HTML 5Page - Hittite Microwave Corporation HMC620 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 156
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC620
GaAs MMIC I/Q MIXER
3 - 7 GHz
v01.1007
General Description
Features
Typical Applications
The HMC620 is a compact I/Q MMIC mixer which can
be used as either an Image Reject Mixer (IRM) or a
Single Sideband Upconverter. The chip utilizes two
standard Hittite double balanced mixer cells and a 90
degree hybrid fabricated in a GaAs MESFET process.
All data shown below is taken with the chip mounted
in a 50 Ohm test fixture and includes the effects of
1 mil diameter x 20 mil length bond wires on each
port. A low frequency quadrature hybrid was used to
produce a 100 MHz upper side band (USB) IF output.
This product is a much smaller and more consistent
alternative to hybrid style Image Reject Mixers and
Single Sideband Upconverter assemblies.
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +15 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
3.0 - 7.0
4.5 - 6.5
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Loss (As IRM)
7.5
8.5
7.5
9
dB
Image Rejection
25
28
31
33
dB
1 dB Compression (Input)
+13
+13
dBm
LO to RF Isolation
35
45
35
45
dB
LO to IF Isolation
35
40
35
40
dB
IP3 (Input)
23
23
dBm
Amplitude Balance
0.1
0.2
dB
Phase Balance
3
3
Deg
* Unless otherwise noted, all measurements performed as downconverter.
Functional Diagram
The HMC620 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• WiMAX & Fixed Wireless
• VSAT
Wide IF Bandwidth: DC - 3.5 GHz
High Image Rejection: 33 dB
High LO to RF Isolation: 45 dB
High Input IP3: +23 dB
Die Size: 1.49 x 1.15 x 0.10 mm


Similar Part No. - HMC620

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
252Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620_09 Datasheet
252Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
More results

Similar Description - HMC620

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620_09 Datasheet
252Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com