Electronic Components Datasheet Search
  English  ▼

X  

74HC75 Datasheet(PDF) 5 Page - Solid State Inc

Part # 74HC75
Description  Quad bistable transparant latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC75 Datasheet(HTML) 5 Page - Solid State Inc

  74HC75 Datasheet HTML 1Page - Solid State Inc 74HC75 Datasheet HTML 2Page - Solid State Inc 74HC75 Datasheet HTML 3Page - Solid State Inc 74HC75 Datasheet HTML 4Page - Solid State Inc 74HC75 Datasheet HTML 5Page - Solid State Inc 74HC75 Datasheet HTML 6Page - Solid State Inc 74HC75 Datasheet HTML 7Page - Solid State Inc 74HC75 Datasheet HTML 8Page - Solid State Inc 74HC75 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
9397 750 13816
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
5 of 20
Philips Semiconductors
74HC75
Quad bistable transparant latch
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
q = lower case letters indicate the state of the referenced output one set-up time prior to the HIGH-to-LOW
LEnn transition;
X = don’t care.
Table 3:
Pin description
Symbol
Pin
Description
1Q
1
complementary latch output 1
1D
2
data input 1
2D
3
data input 2
LE34
4
latch enable input for latches 3 and 4 (active HIGH)
VCC
5
positive supply voltage
3D
6
data input 3
4D
7
data input 4
4Q
8
complementary latch output 4
4Q
9
latch output 4
3Q
10
latch output 3
3Q
11
complementary latch output 3
GND
12
ground (0 V)
LE12
13
latch enable input for latches 1 and 2 (active HIGH)
2Q
14
complementary latch output 2
2Q
15
latch output 2
1Q
16
latch output 1
Table 4:
Function table [1]
Operating mode
Input
Output
LEnn
nD
nQ
nQ
Data enabled
H
L
L
H
HHHL
Data latched
L
X
q
q
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com