Electronic Components Datasheet Search
  English  ▼

X  

74HC75 Datasheet(PDF) 1 Page - Solid State Inc

Part # 74HC75
Description  Quad bistable transparant latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC75 Datasheet(HTML) 1 Page - Solid State Inc

  74HC75 Datasheet HTML 1Page - Solid State Inc 74HC75 Datasheet HTML 2Page - Solid State Inc 74HC75 Datasheet HTML 3Page - Solid State Inc 74HC75 Datasheet HTML 4Page - Solid State Inc 74HC75 Datasheet HTML 5Page - Solid State Inc 74HC75 Datasheet HTML 6Page - Solid State Inc 74HC75 Datasheet HTML 7Page - Solid State Inc 74HC75 Datasheet HTML 8Page - Solid State Inc 74HC75 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC75 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC75 is specified in compliance with JEDEC
standard no. 7A.
The 74HC75 has four bistable latches. The two latches are simultaneously controlled by
one of two active HIGH enable inputs (LE12 and LE34). When LEnn is HIGH, the data
enters the latches and appears at the nQ outputs. The nQ outputs follow the data inputs
(nD) as long as LEnn is HIGH (transparent). The data on the nD inputs one set-up time
prior to the HIGH-to-LOW transition of the LEnn will be stored in the latches. The latched
outputs remain stable as long as the LEnn is LOW.
2.
Features
s Complementary Q and Q outputs
s VCC and GND on the center pins
s Low-power dissipation
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Multiple package options
s Specified from
−40 °Cto+80 °C and from −40 °C to +125 °C.
74HC75
Quad bistable transparant latch
Rev. 03 — 12 November 2004
Product data sheet


Similar Part No. - 74HC75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
Quad bistable transparent latch
December 1990
74HC75 NXP-74HC75 Datasheet
87Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540 NXP-74HC7540 Datasheet
157Kb / 16P
Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
More results

Similar Description - 74HC75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
Quad. Bistable Latches
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
Quad. Bistable Latches
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
4-bit Bistable Latch
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
Quad. Bistable Latches
logo
NXP Semiconductors
74HC75N NXP-74HC75N Datasheet
87Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
74HC75 PHILIPS-74HC75_15 Datasheet
113Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
Quad bistable transparant latch
Rev. 5 - 17 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com