Electronic Components Datasheet Search
  English  ▼

X  

74HC75 Datasheet(PDF) 9 Page - Solid State Inc

Part # 74HC75
Description  Quad bistable transparant latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC75 Datasheet(HTML) 9 Page - Solid State Inc

Back Button 74HC75 Datasheet HTML 5Page - Solid State Inc 74HC75 Datasheet HTML 6Page - Solid State Inc 74HC75 Datasheet HTML 7Page - Solid State Inc 74HC75 Datasheet HTML 8Page - Solid State Inc 74HC75 Datasheet HTML 9Page - Solid State Inc 74HC75 Datasheet HTML 10Page - Solid State Inc 74HC75 Datasheet HTML 11Page - Solid State Inc 74HC75 Datasheet HTML 12Page - Solid State Inc 74HC75 Datasheet HTML 13Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9397 750 13816
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
9 of 20
Philips Semiconductors
74HC75
Quad bistable transparant latch
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; unless otherwise specified, see Figure 10.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay
nD to nQ
see Figure 6
VCC = 2.0 V
-
33
110
ns
VCC = 4.5 V
-
12
22
ns
VCC = 6.0 V
-
10
19
ns
VCC = 5.0 V; CL =15pF
-
11
-
ns
propagation delay
nD to nQ
see Figure 7
VCC = 2.0 V
-
39
120
ns
VCC = 4.5 V
-
14
24
ns
VCC = 6.0 V
-
11
20
ns
VCC = 5.0 V; CL =15pF
-
11
-
ns
propagation delay
LEnn to nQ
see Figure 9
VCC = 2.0 V
-
33
120
ns
VCC = 4.5 V
-
12
24
ns
VCC = 6.0 V
-
10
20
ns
VCC = 5.0 V; CL =15pF
-
11
-
ns
propagation delay
LEnn to nQ
see Figure 9
VCC = 2.0 V
-
39
125
ns
VCC = 4.5 V
-
14
25
ns
VCC = 6.0 V
-
11
21
ns
VCC = 5.0 V; CL =15pF
-
11
-
ns
tTHL, tTLH
output transition time
see Figure 6 and 7
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns
tW
enable pulse width
HIGH
see Figure 9
VCC = 2.0 V
80
17
-
ns
VCC = 4.5 V
16
6
-
ns
VCC = 6.0 V
14
5
-
ns
tsu
set-up time nD to
LEnn
see Figure 8
VCC = 2.0 V
60
14
-
ns
VCC = 4.5 V
12
5
-
ns
VCC = 6.0 V
10
4
-
ns
th
hold time nD to LEnn
see Figure 8
VCC = 2.0 V
3
−8-
ns
VCC = 4.5 V
3
−3-
ns
VCC = 6.0 V
3
−2-
ns
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com