Electronic Components Datasheet Search
  English  ▼

X  

REF80 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF80_V01 Datasheet HTML 13Page - Texas Instruments REF80_V01 Datasheet HTML 14Page - Texas Instruments REF80_V01 Datasheet HTML 15Page - Texas Instruments REF80_V01 Datasheet HTML 16Page - Texas Instruments REF80_V01 Datasheet HTML 17Page - Texas Instruments REF80_V01 Datasheet HTML 18Page - Texas Instruments REF80_V01 Datasheet HTML 19Page - Texas Instruments REF80_V01 Datasheet HTML 20Page - Texas Instruments REF80_V01 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Time (1s/div)
Figure 8-8. 0.1Hz to 10Hz REF_Z Noise
8.4.2 Broadband Noise
Broadband noise is a noise that appears at higher frequency compared to 1/f noise. The broadband noise is
dominated by white noise as shown in Figure 6-10. The broadband noise is measured by high-pass filtering
the output of the REF80 and measuring the result on a spectrum analyzer as shown in Figure 8-9. The DC
component of the REF80 is removed by using a high-pass filter and then amplified. When measuring broadband
noise, you do not need high gain to achieve maximum bandwidth.
Spectrum
Analyzer
Post Amplifier
G = 11
High-pass Filter
G = 11
VDD
REF_Z
REF_GND
HEATP
HEATM
+30 V
10 V
REF80
CL
Figure 8-9. Broadband Noise Test Setup
For noise sensitive designs, a low-pass filter can be used to reduce broadband noise output noise levels by
removing the high frequency components. When designing a low-pass filter special care must be taken to make
sure the output impedance of the filter does not degrade ac performance. This can occur in RC low-pass filters
where a large series resistance can impact the load transients due to output current fluctuations.
www.ti.com
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com