Electronic Components Datasheet Search
  English  ▼

X  

REF80 Datasheet(PDF) 19 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF80_V01 Datasheet HTML 15Page - Texas Instruments REF80_V01 Datasheet HTML 16Page - Texas Instruments REF80_V01 Datasheet HTML 17Page - Texas Instruments REF80_V01 Datasheet HTML 18Page - Texas Instruments REF80_V01 Datasheet HTML 19Page - Texas Instruments REF80_V01 Datasheet HTML 20Page - Texas Instruments REF80_V01 Datasheet HTML 21Page - Texas Instruments REF80_V01 Datasheet HTML 22Page - Texas Instruments REF80_V01 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
9.2.1.1 Design Requirements
A detailed design procedure is based on a design example. For this design example, use the parameters listed
in Table 9-1 as the input parameters.
Table 9-1. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VDD
10V
Heater Voltage VHET (HEATP - HEATM)
30V
Supply decoupling capacitor
1µF
Heater supply decoupling capacitor
1µF
OP-STBL pull-up resistor
10kΩ
OP-STBL pull-up supply
5V
9.2.1.2 Detailed Design Procedure
A bulk capacitor (0.1μF to 10μF) must be connected to the VDD, HEATP and HEATM (when not connected to
GND) pins to improve transient response in the applications where the supply voltage can fluctuate. Connect
an additional 0.1μF capacitor at VDD, HEATP and HEATM pins closer to the device to bypass high frequency
supply noise.
A low ESR (maximum 400mΩ) capacitor of 1μF to 100μF must be connected to the REF_Z pin to provide stable
output. For very low noise applications, special care must be taken with X7R and other MLCC capacitors due
to the piezoelectric effect. More information on how the piezoelectric effect can be explored in systems can be
found in Stress-induced outbursts: Microphonics in ceramic capacitors (Part 1) and Stress-induced outbursts:
Microphonics in ceramic capacitors (Part 2) . Designer must use C0G or film capacitors for noise sensitive
applications. OP-STBL indicates that the on chip heater is regulating the temperature. Connect a pullup resistor
of 10kΩ with suitable logic voltage on this pin. The transient start-up response of the REF80 is shown in REF80
Startup Behavior.
9.2.1.3 Application Curve
Figure 9-2. REF80 Startup Behavior
www.ti.com
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com