Electronic Components Datasheet Search
  English  ▼

X  

REF80 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF80_V01 Datasheet HTML 6Page - Texas Instruments REF80_V01 Datasheet HTML 7Page - Texas Instruments REF80_V01 Datasheet HTML 8Page - Texas Instruments REF80_V01 Datasheet HTML 9Page - Texas Instruments REF80_V01 Datasheet HTML 10Page - Texas Instruments REF80_V01 Datasheet HTML 11Page - Texas Instruments REF80_V01 Datasheet HTML 12Page - Texas Instruments REF80_V01 Datasheet HTML 13Page - Texas Instruments REF80_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
6.6 Typical Characteristics (continued)
At TA = 25°C, VIN = 10V, VHET = 30V, CREF_Z = 10μF, CVDD = 1μF, (unless otherwise noted)
Thermal Hysteresis (ppm)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
Figure 6-13. Thermal Hysteresis (Cycle 2) Distribution
TA = 0°C to 70°C
Time [s]
0
100
200
300
400
500
600
700
-15
-12
-9
-6
-3
0
3
6
9
12
15
VDD = 12V
VHET = 12V
Figure 6-14. Startup Behavior
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
60
70
80
90
100
110
120
130
Figure 6-15. Power-Supply Rejection Ratio vs Frequency
Frequency (Hz)
1x100
1x101
1x102
1x103
1x104
1x105
1x106
40
50
60
70
80
90
100
Figure 6-16. Heater Supply Rejection Ratio vs Frequency
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com