Electronic Components Datasheet Search
  English  ▼

X  

2SA949 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA949
Description  Driver-Stage Audio Amplifier Applications High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA949 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA949 Datasheet HTML 1Page - Toshiba Semiconductor 2SA949 Datasheet HTML 2Page - Toshiba Semiconductor 2SA949 Datasheet HTML 3Page - Toshiba Semiconductor 2SA949 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA949
2006-11-09
1
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SA949
Driver-Stage Audio Amplifier Applications
High-Voltage Switching Applications
• High breakdown voltage: VCEO = −150 V
• Low output capacitance: Cob = 5.0 pF (max)
• High transition frequency: fT = 120 MHz (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−150
V
Collector-emitter voltage
VCEO
−150
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−50
mA
Base current
IB
5
mA
Collector power dissipation
PC
800
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
TO-92MOD
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SA949

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA949 TOSHIBA-2SA949 Datasheet
145Kb / 2P
TRANSISTOR (DRIVER STAGE AUDIO AMPLIFIER, HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Inchange Semiconductor ...
2SA949 ISC-2SA949 Datasheet
269Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SA949

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA949 TOSHIBA-2SA949 Datasheet
145Kb / 2P
TRANSISTOR (DRIVER STAGE AUDIO AMPLIFIER, HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Samsung semiconductor
KSA910 SAMSUNG-KSA910 Datasheet
78Kb / 2P
PNP (DRIVER STAGE AUDIO AMPLIFIER HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
KSA910 FAIRCHILD-KSA910 Datasheet
40Kb / 4P
Driver Stage Of Audio Amplifier & High Voltage Switching Applications
logo
Toshiba Semiconductor
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182 TOSHIBA-2SA1182_07 Datasheet
318Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com