Electronic Components Datasheet Search
  English  ▼

X  

TLP701 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP701
Description  IGBT/Power MOS FET gate drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP701 Datasheet HTML 1Page - Toshiba Semiconductor TLP701 Datasheet HTML 2Page - Toshiba Semiconductor TLP701 Datasheet HTML 3Page - Toshiba Semiconductor TLP701 Datasheet HTML 4Page - Toshiba Semiconductor TLP701 Datasheet HTML 5Page - Toshiba Semiconductor TLP701 Datasheet HTML 6Page - Toshiba Semiconductor TLP701 Datasheet HTML 7Page - Toshiba Semiconductor TLP701 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP701
2007-10-01
5
Test Circuit 7: tpLH, tpHL, tr, tf, PDD
Test Circuit 8: CMH, CML
CML (CMH) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the output
voltage in the LOW (HIGH) state.
90%
10%
1000 V
tf
tr
26V
CMH
1V
CML
VCM
VO
• SW A: IF = 5 mA
• SW B: IF = 0 mA
CML =
800 V
tr (μs)
CMH = −
800 V
tf (μs)
VCC
1
3
4
6
VO
Rg
= 47 Ω
Cg
= 3 nF
IF
tpHL
IF
90%
tf
50%
10%
VO
tpLH
tr
VOH
VOL
1
6
IF
3
4
0.1
μF
VO
VCC
SW
A
B
+
−
VCM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com