Electronic Components Datasheet Search
  English  ▼

X  

TLP701 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP701
Description  IGBT/Power MOS FET gate drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP701 Datasheet HTML 1Page - Toshiba Semiconductor TLP701 Datasheet HTML 2Page - Toshiba Semiconductor TLP701 Datasheet HTML 3Page - Toshiba Semiconductor TLP701 Datasheet HTML 4Page - Toshiba Semiconductor TLP701 Datasheet HTML 5Page - Toshiba Semiconductor TLP701 Datasheet HTML 6Page - Toshiba Semiconductor TLP701 Datasheet HTML 7Page - Toshiba Semiconductor TLP701 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP701
2007-10-01
6
I F ─ VF
⊿V F/ ⊿ Ta- I F
Forw ar d Vol t a g e VF(V)
Forw ar d Cu rre nt I F (mA)
I F -Ta
IFLH – Ta
-40 -20
0
20 40 60 80 100 120
0
10
20
30
40
-40 -20
0
204060
80 100
0
1
2
3
4
5
Ambient Temperature Ta(
°C)
Ambient Temperature Ta(
°C)
VOL -Ta
VOH -Ta
-40 -20
0
2040
6080 100
0
0.2
0.4
0.6
0.8
1
-40 -20
0
20
406080 100
0
5
10
15
20
25
30
Ambient Temperature Ta(
°C)
Ambient Temperature Ta(
°C)
*: The above graphs show typical characteristics.
100
1.0
50
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0.01
1.2
1.4
1.6
1.8
2.0
Ta = 25 °C
-
1.4
0.1
0.3 0.5
1
3
5
10
30
-
1.6
-
1.8
-
2.0
-
2.2
-
2.4
-
2.6
VCC=15V
VO>1V
VF = 0.8V
IO= 100mA , VCC=10V
IF = 5mA
Io= -100mA , VCC=10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com