Electronic Components Datasheet Search
  English  ▼

X  

TLP701 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP701
Description  IGBT/Power MOS FET gate drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP701 Datasheet HTML 1Page - Toshiba Semiconductor TLP701 Datasheet HTML 2Page - Toshiba Semiconductor TLP701 Datasheet HTML 3Page - Toshiba Semiconductor TLP701 Datasheet HTML 4Page - Toshiba Semiconductor TLP701 Datasheet HTML 5Page - Toshiba Semiconductor TLP701 Datasheet HTML 6Page - Toshiba Semiconductor TLP701 Datasheet HTML 7Page - Toshiba Semiconductor TLP701 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP701
2007-10-01
3
Electrical Characteristics (Ta = −40 to 100 °C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
Forward voltage
VF
⎯
IF = 5 mA, Ta = 25 °C
⎯
1.55
1.70
V
Temperature coefficient of forward
voltage
∆VF/∆Ta
⎯
IF = 5 mA
⎯
−2.0
⎯
mV/°C
Input reverse current
IR
⎯
VR = 5 V, Ta = 25 °C
⎯
⎯
10
μA
Input capacitance
CT
⎯
V
=0 V, f = 1 MHz, Ta = 25 °C
⎯
45
⎯
pF
IOPH1
V6-5 = 4 V
−0.2
−0.38
⎯
“H” Level
IOPH2
1
VCC = 15 V
IF = 5 mA
V6-5 = 10 V
−0.4
−0.60
⎯
IOPL1
V5-4 = 2 V
0.2
0.36
⎯
Output current
(Note 8)
“L” Level
IOPL2
2
VCC = 15 V
IF = 0 mA
V5-4 = 10 V
0.4
0.62
⎯
A
“H” Level
VOH
3
IO = −100 mA,
IF = 5 mA
6.0
8.5
⎯
Output voltage
“L” Level
VOL
4
VCC = 10 V
IO = 100 mA,
VF = 0.8 V
⎯
0.4
1.0
V
“H” Level
ICCH
5
IF = 10 mA
⎯
1.4
2.0
Supply current
“L” Level
ICCL
6
VCC = 10 to 30 V
VO=Open
IF = 0 mA
⎯
1.3
2.0
mA
Threshold input current
L
→ H
IFLH
⎯
VCC = 15 V, VO > 1 V
⎯
2.5
5
mA
Threshold input voltage
H
→ L
VFHL
⎯
VCC = 15 V, VO < 1 V
0.8
⎯
⎯
V
Supply voltage
VCC
⎯
⎯
10
⎯
30
V
( * ): All typical values are at Ta
= 25°C
Note 8: Duration of Io time ≤ 50
μs, 1 pulse
Note 9: This product is more sensitive than conventional products to electrostatic discharge (ESD) owing to its low
power consumption design.
It is therefore all the more necessary to observe general precautions regarding ESD when handling this
component.
Isolation Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0 V , f = 1MHz
(Note 5)
⎯
1.0
⎯
pF
Isolation resistance
RS
R.H. ≤ 60 %, VS = 500 V
(Note 5)
1×10
12
10
14
⎯
Ω
AC, 1 minute
5000
⎯
⎯
AC, 1 second, in oil
⎯
10000
⎯
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
⎯
10000
⎯
Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com