Electronic Components Datasheet Search
  English  ▼

X  

ALH60F48 Datasheet(PDF) 8 Page - Astec America, Inc

Part # ALH60F48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60F48 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button ALH60F48 Datasheet HTML 4Page - Astec America, Inc ALH60F48 Datasheet HTML 5Page - Astec America, Inc ALH60F48 Datasheet HTML 6Page - Astec America, Inc ALH60F48 Datasheet HTML 7Page - Astec America, Inc ALH60F48 Datasheet HTML 8Page - Astec America, Inc ALH60F48 Datasheet HTML 9Page - Astec America, Inc ALH60F48 Datasheet HTML 10Page - Astec America, Inc ALH60F48 Datasheet HTML 11Page - Astec America, Inc ALH60F48 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Technical Reference Notes
Hercules (AEH/ALH60) Open
Frame or HS Adapted
MODEL: AEH/ALH60F48
SHEET 8 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Basic Operation and Features (continued)
Output Over Voltage Protection
The output over voltage system consists of a separate control loop, independent of the primary feedback path. This control
loop has a higher voltage set point than the main circuit. In a fault condition, the converter latches which ensures that the
output voltage does not exceed VO,CLAMP,max. The converter will operate back normally once the fault is removed and the
input voltage is cycled or the enable pin is toggled.
Output Over Current Protection
To provide protection in an output overload or short circuit condition, the converter is equipped with current limiting
circuitry and can endure fault conditions for an unlimited duration. At the point of current-limit inception, the converter
latches, causing the output current to be limited both in peak and duration. The converter will operate back normally once
the overload/ fault is removed and the input voltage is cycled or the enable pin is toggled.
Enable Function
Two enable options are available. Positive Logic Enable (no suffix required in part number) and Negative Logic Enable
(suffix “N”). Positive Logic Enable turns the converter on during a logic-high voltage on the enable pin, and off during a
logic-low. Negative Logic Enable turns the converter off during a logic-high and on during a logic-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com