Electronic Components Datasheet Search
  English  ▼

X  

ALH60F48 Datasheet(PDF) 13 Page - Astec America, Inc

Part # ALH60F48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60F48 Datasheet(HTML) 13 Page - Astec America, Inc

Back Button ALH60F48 Datasheet HTML 9Page - Astec America, Inc ALH60F48 Datasheet HTML 10Page - Astec America, Inc ALH60F48 Datasheet HTML 11Page - Astec America, Inc ALH60F48 Datasheet HTML 12Page - Astec America, Inc ALH60F48 Datasheet HTML 13Page - Astec America, Inc ALH60F48 Datasheet HTML 14Page - Astec America, Inc ALH60F48 Datasheet HTML 15Page - Astec America, Inc ALH60F48 Datasheet HTML 16Page - Astec America, Inc ALH60F48 Datasheet HTML 17Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 13 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Input Filter for FCC Class B Conducted Noise (continued)
Figure 14: Recommended PCB Layout for Class B Filter
Figure 15: AEH60F48 and ALH60F48 Noise Spectrum
Input Noise Spectrum
0
10
20
30
40
50
60
70
80
90
2.E+04 5.E+04 1.E+05 3.E+05 7.E+05 2.E+06 4.E+06 9.E+06 2.E+07
Frequency (Hz)
FCC Part 15 & CISPR 22 A & B Limits - conducted noise
AVERAGE
LIMITS
- Vin
+ Vin
C2
C1
C7
C5
C6
C12
C9
C10
C8
GND PLANE
GND PLANE
C
O
N
V
E
R
T
E
R
1
1
2
2
3
4
3
4
TOP
VIEW
+48 VDC
48 V Return
L1
A / B
L2
A / B
C3
C4
C11
C13
C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com