Electronic Components Datasheet Search
  English  ▼

X  

ALH60F48 Datasheet(PDF) 21 Page - Astec America, Inc

Part # ALH60F48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60F48 Datasheet(HTML) 21 Page - Astec America, Inc

Back Button ALH60F48 Datasheet HTML 13Page - Astec America, Inc ALH60F48 Datasheet HTML 14Page - Astec America, Inc ALH60F48 Datasheet HTML 15Page - Astec America, Inc ALH60F48 Datasheet HTML 16Page - Astec America, Inc ALH60F48 Datasheet HTML 17Page - Astec America, Inc ALH60F48 Datasheet HTML 18Page - Astec America, Inc ALH60F48 Datasheet HTML 19Page - Astec America, Inc ALH60F48 Datasheet HTML 20Page - Astec America, Inc ALH60F48 Datasheet HTML 21Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 21 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Please call 1-888-41-ASTEC for further inquiries or visit us at www.astecpower.com
Mechanical Specifications (continued)
OUTLINE DRAWING
Figure 26. ALH60 - open-frame outline drawing (bottom view)
SOLDERING CONSIDERATIONS
The AEH/ALH series converters are compatible with standard wave soldering techniques. When wave soldering, the
converter pins should be preheated for 20–30 seconds at 110
°C and wave soldered at 260 °C for less than 10 seconds.
When hand soldering, the iron temperature should be maintained at 425
°C and applied to the converter pins for less than 5
seconds. Longer exposure can cause internal damage to the converter. Cleaning can be performed with cleaning solvent
IPA or with water.
PART NUMBER CODING SCHEME FOR ORDERING
A x H60
y
48
z
x
Construction
E: Enhanced thermals; Heatsink adapted
L: Low profile; Open Frame
y
Output Voltage
F = 3.3V
Y = 1.8V
G = 2.5V
K = 1.2V
z
Option
N : Negative Enable
No Suffix : Positive Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com