Electronic Components Datasheet Search
  English  ▼

X  

AD7151 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7151 Datasheet HTML 2Page - Analog Devices AD7151 Datasheet HTML 3Page - Analog Devices AD7151 Datasheet HTML 4Page - Analog Devices AD7151 Datasheet HTML 5Page - Analog Devices AD7151 Datasheet HTML 6Page - Analog Devices AD7151 Datasheet HTML 7Page - Analog Devices AD7151 Datasheet HTML 8Page - Analog Devices AD7151 Datasheet HTML 9Page - Analog Devices AD7151 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7151
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
VDD 2
NC 3
CIN 4
NC
NC = NO CONNECT
5
SDA
10
SCL
9
NC
8
OUT
7
EXC
6
AD7151
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
VDD
Power Supply Voltage. This pin should be decoupled to GND using a low impedance capacitor, for example,
0.1 μF X7R multilayer ceramic.
3
NC
This pin should be left as an open circuit or connected to GND.
4
CIN
CDC Capacitive Input. The measured capacitance (sensor) is connected between the EXC pin and the CIN pin.
5
NC
This pin should be left as an open circuit.
6
EXC
CDC Excitation Output. The measured capacitance is connected between the EXC pin and the CIN pin.
7
OUT
Logic Output. High level on this output indicates proximity detected on the capacitive input.
8
NC
This pin should be left as an open circuit.
9
SCL
Serial Interface Clock Input. Connects to the master clock line. Requires a pull-up resistor if not provided
elsewhere in the system.
10
SDA
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up resistor if not provided
elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com