Electronic Components Datasheet Search
  English  ▼

X  

AD7151 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7151 Datasheet HTML 11Page - Analog Devices AD7151 Datasheet HTML 12Page - Analog Devices AD7151 Datasheet HTML 13Page - Analog Devices AD7151 Datasheet HTML 14Page - Analog Devices AD7151 Datasheet HTML 15Page - Analog Devices AD7151 Datasheet HTML 16Page - Analog Devices AD7151 Datasheet HTML 17Page - Analog Devices AD7151 Datasheet HTML 18Page - Analog Devices AD7151 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7151
Rev. 0 | Page 15 of 28
STATUS REGISTER
Address Pointer 0x00
8 Bits, Read-Only, Default Value 0x53 Before Conversion, 0x52 After Conversion
The status register indicates the status of the part. The register can be read via the 2-wire serial interface to query the status of the outputs,
check the CDC finished conversion, and check whether the CAPDAC has been changed by the autoCAPDAC function.
Table 6. Status Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
PwrDown
–
–
DacStep
OUT
–
–
RDY
Default
0
1
0
1
0
0
1
1
Table 7. Status Register Bit Descriptions
Bit
Mnemonic
Description
7
PwrDown
PwrDown = 1 indicates that the part is in a power-down mode or that the part VDD is below the power supply
monitor threshold voltage.
6
–
Bit not used, always reads 1.
5
–
Bit not used, always reads 0.
4
DacStep
DacStep = 0 indicates that the CAPDAC value was changed during the last conversion as part of the AutoDac
function. The bit value is updated after each finished CDC conversion.
3
OUT
OUT = 1 indicates that the data (CIN capacitance) crossed the threshold, according to the selected comparator
mode of operation. The bit value is updated after each finished CDC conversion.
2
–
Bit not used, always reads 0.
1
–
Bit not used, always reads 1.
0
RDY
RDY = 0 indicates a finished CDC conversion. The bit is reset back to 1 when the data register is read via the
serial interface or after the part reset or power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com