Electronic Components Datasheet Search
  English  ▼

X  

AD7151 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7151 Datasheet HTML 4Page - Analog Devices AD7151 Datasheet HTML 5Page - Analog Devices AD7151 Datasheet HTML 6Page - Analog Devices AD7151 Datasheet HTML 7Page - Analog Devices AD7151 Datasheet HTML 8Page - Analog Devices AD7151 Datasheet HTML 9Page - Analog Devices AD7151 Datasheet HTML 10Page - Analog Devices AD7151 Datasheet HTML 11Page - Analog Devices AD7151 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7151
Rev. 0 | Page 8 of 28
8
6
4
2
RESISTANCE EXC TO GND (MΩ)
10
–10
–5
0
5
010
10
–10
–5
0
5
11000
100
10
PARALLEL RESISTANCE (MΩ)
8
6
4
2
RESISTANCE EXC TO GND (MΩ)
Figure 10. Capacitance Input Offset Error vs. Resistance EXC to GND,
VDD = 3.3 V, CIN Pin Open Circuit
0.50
–0.50
–0.25
0
0.25
010
4
–4
–2
0
2
–50
100
75
50
25
0
–25
TEMPERATURE (°C)
200
150
100
50
SERIAL RESISTANCE (kΩ)
Figure 11. Capacitance Input Gain Error vs. Resistance EXC to GND,
VDD = 3.3 V, CIN to EXC = 2 pF
2
–2
–1
0
1
0250
Figure 12. Capacitance Input Gain Error vs. Serial Resistance
VDD = 3.3 V, CIN to EXC = 2 pF
Figure 13. Capacitance Input Gain Error vs. Parallel Resistance,
VDD = 3.3 V, CIN to EXC = 2 pF
0.2
–0.2
–0.2
–0.1
0
0.1
–50
100
75
50
25
0
–25
TEMPERATURE (°C)
Figure 14. Capacitance Input Offset Error vs. Temperature,
VDD = 3.3 V, CIN and EXC Pins Open Circuit
Figure 15. Capacitance Input Gain Error vs. Temperature,
VDD = 3.3 V, CIN to EXC = 2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com