Electronic Components Datasheet Search
  English  ▼

X  

ALH80M48 Datasheet(PDF) 15 Page - Astec America, Inc

Part # ALH80M48
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80M48 Datasheet(HTML) 15 Page - Astec America, Inc

Back Button ALH80M48 Datasheet HTML 9Page - Astec America, Inc ALH80M48 Datasheet HTML 10Page - Astec America, Inc ALH80M48 Datasheet HTML 11Page - Astec America, Inc ALH80M48 Datasheet HTML 12Page - Astec America, Inc ALH80M48 Datasheet HTML 13Page - Astec America, Inc ALH80M48 Datasheet HTML 14Page - Astec America, Inc ALH80M48 Datasheet HTML 15Page - Astec America, Inc ALH80M48 Datasheet HTML 16Page - Astec America, Inc ALH80M48 Datasheet HTML 17Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 15 OF 17
OCTOBER 9, 2003 - REVISION B
Mechanical Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
All
L
-
2.40 [60.9]
-
in [ mm ]
W
-
2.30 [58.4]
-
in [ mm ]
AEH
H
-
0.50 [12.7]
-
in [ mm ]
ALH
H
-
0.42 [10.6]
in [ mm ]
Weight
AEH
-
130 [4.6]
-
g [oz]
ALH
-
110 [3.9]
-
g [oz]
PIN ASSIGNMENT
1
+VIN
7
-SENSE
2
Enable (On/Off)
8
TRIM
3
Case
9
+SENSE
4
-VIN
10
+VO [Optional Pin]
5
-Vo
11
+Vo
6
-Vo [Optional Pin]
M3 X0.5 MOUNTING HOLE
1.90 [48.3]
2.40 [61.0]
2.00 [50.8]
PIN SIDEUP
- Vin
PIN SIDE DOWN
1
0.90 [22.8]
0.50 [12.7]
-Output
4
3
2
1.50 [38.1]
1.90 [48.3]
+ Vin
0.20 [5.1]
0.20 [5.1]
4 PLACES
+ Output
0.04Ø [1.0Ø] 7 PLACES
NOTES:
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
MECHANICAL TOLERANCE ± .002(0.5)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
INTO CUSTOMER BOARD MUST BE 5-6 LB/IN
RECOMMENDED SCREW TORQUE SETTING FOR MOUNTING
0.47
[11.9]
SIDE VIEW
[2.0Ø] 4 PLACES
0.08Ø
0.20 [5.1]
0.50 [12.7]
1.90 [48.3]
1.70 [43.1]
1.50 [38.1]
1.20 [30.5]
0.90 [22.9]
0.50 [12.7]
0.70 [17.7]
0.20 [5.1]
1.90 [48.3]
5
6
7
8
9
10
11
1 + Vin
3 CASE
4 - Vin
10-11 + Output
8 Trim
9 + Sense
7 -Sense
5-6 -Output
PIN ASSIGNMENT
2 Enable (On/Off)
Figure 25. AEH80 Series (Baseplate) Mechanical Outline Drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com