Electronic Components Datasheet Search
  English  ▼

X  

ALH80M48 Datasheet(PDF) 6 Page - Astec America, Inc

Part # ALH80M48
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80M48 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ALH80M48 Datasheet HTML 2Page - Astec America, Inc ALH80M48 Datasheet HTML 3Page - Astec America, Inc ALH80M48 Datasheet HTML 4Page - Astec America, Inc ALH80M48 Datasheet HTML 5Page - Astec America, Inc ALH80M48 Datasheet HTML 6Page - Astec America, Inc ALH80M48 Datasheet HTML 7Page - Astec America, Inc ALH80M48 Datasheet HTML 8Page - Astec America, Inc ALH80M48 Datasheet HTML 9Page - Astec America, Inc ALH80M48 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 6 OF 17
OCTOBER 9, 2003 - REVISION B
Electrical Specifications (continued)
SAFETY APPROVAL
The AEH80/ALH80 series have been certified through:
•
UL + cUL 60950, Third Edition - Recognized (PENDING)
•
EN 60950 through TUV-PS (PENDING)
•
Meets Basic Insulation
BATTERY
Cs 220 uF
ESR < 0.1 OHM
@ 20 ºC, 100 kHz
Ltest
12 uH
33 uF
ESR < 0.7 OHM
@ 20 ºC, 100 kHz
Vi(+)
Vi(-)
TO OSCILLOSCOPE
Note:
Measure the input reflected ripple current with a simulated source
inductance (Ltest) of 12uH. Capacitor Cs offsets possible battery/
source impedance. Measure current as shown above.
Figure 1. Input Reflected Ripple Current Measurement Setup.
Figure 2. Peak to Peak Output Noise Measurement Setup.
Vo(+)
Vo(-)
RESISTIVE
LOAD
10 uF
1 uF
SCOPE
COPPER STRIP
Note:
Use a 0.1
µF 50V X7R ceramic capacitor and a 10µF 25V tantalum cap.
Scope measurement should be made using a BNC probe socket positioned
about 76mm (3 in.) away from the module’s output terminals. The ext.
capacitors should be placed between the BNC socket and the module’s
output terminals, with a minimum distance of 51mm (2in.) from the latter.
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com