Electronic Components Datasheet Search
  English  ▼

X  

ALH80M48 Datasheet(PDF) 4 Page - Astec America, Inc

Part # ALH80M48
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80M48 Datasheet(HTML) 4 Page - Astec America, Inc

  ALH80M48 Datasheet HTML 1Page - Astec America, Inc ALH80M48 Datasheet HTML 2Page - Astec America, Inc ALH80M48 Datasheet HTML 3Page - Astec America, Inc ALH80M48 Datasheet HTML 4Page - Astec America, Inc ALH80M48 Datasheet HTML 5Page - Astec America, Inc ALH80M48 Datasheet HTML 6Page - Astec America, Inc ALH80M48 Datasheet HTML 7Page - Astec America, Inc ALH80M48 Datasheet HTML 8Page - Astec America, Inc ALH80M48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 4 OF 17
OCTOBER 9, 2003 - REVISION B
Electrical Specifications (continued)
INPUT SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
VDC
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
34.0
32.5
34.8
33.5
35.5
34.5
Vdc
Maximum Input Current
1
Conditions: VIN =VIN,min
IO = IO,max; TA = 25 ºC
Y (1.8V)
M (1.5V)
K (1.2V)
IIN,max
-
-
-
-
-
-
5.2
4.4
3.6
A
Max PDISS @ IO = 0A (VIN = VIN,NOM)
All
-
-
5
W
Input Reflected Ripple Current
2
Conditions: PO = PO,max; TA = 25 ºC
BW: 5Hz to 20MHz
All
II1/ II2
-
-
15
mAPK-PK
Note:
1. An input line fuse is recommended for use (e.g. Littlefuse type 3AB 314, 8A/250V or equivalent).
2. External input capacitance required. See Input Ripple Current test measurement setup on Fig 1.
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, min to VIN, max;
IO =IO,Max
1V8 (Y)
1V5 (M)
1V2 (K)
VO,SET
1.770
1.475
1.180
1.800
1.500
1.200
1.830
1.525
1.220
Vdc
Vdc
Vdc
Output Regulation
Line: VIN = VIN, Min to VIN, Max
Load: IO = IO, Min to IO, Max
Temperature: Ta = -40 ºC to
+85ºC
All
1V8 (Y)
All
1V2 (K)
All
-
-
-
-
-
0.3
0.1
0.1
0.3
-
0.6
0.4
0.4
0.7
1.0
%Vo
Ripple and Noise
3
Peak-to-Peak: (5Hz to 20MHz)
All
-
-
50
100
mVp-p
Output Current
4
All
IO
0
-
80
A
External Load Capacitance
Capacitor ESR
All
-
-
4
-
-
50,000
-
µF
m
Ω
Output Current-limit Inception
VOUT = 90% VO,SET
5
All
IO
83
-
100
A
Over Voltage Protection Range
6
1V8 (Y)
1V5 (M)
1V2 (K)
2.20
1.80
1.44
2.40
1.90
1.50
2.90
2.50
2.10
V
Over Temperature Range
7
(AVG PCB TEMPERATURE)
All
110
-
120
°C
Efficiency
VIN = VIN-NOM; IO = IO,MAX
TA=25°C
1V8 (Y)
1V5 (M)
1V2 (K)
η
η
η
86.0
84.5
82.0
87.0
85.5
83.0
-
-
-
%
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com