Electronic Components Datasheet Search
  English  ▼

X  

ALQ07 Datasheet(PDF) 18 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 18 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 14Page - Astec America, Inc ALQ07 Datasheet HTML 15Page - Astec America, Inc ALQ07 Datasheet HTML 16Page - Astec America, Inc ALQ07 Datasheet HTML 17Page - Astec America, Inc ALQ07 Datasheet HTML 18Page - Astec America, Inc ALQ07 Datasheet HTML 19Page - Astec America, Inc ALQ07 Datasheet HTML 20Page - Astec America, Inc ALQ07 Datasheet HTML 21Page - Astec America, Inc ALQ07 Datasheet HTML 22Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Trim
The +Vo2 output voltage of the ALQ07 series can be trimmed using the trim pin
provided. Applying a resistor Rtrim between the trim pin and either the COM or +Vo2
pin will cause the +Vo2 output to increase by up to 10% or decrease by down to
20%. Trimming up by more than 10% of the nominal output may activate the OVP
circuit or damage the converter. Trimming down more than 20% can cause the
converter to regulate improperly. If the trim pin is not needed, it should be left open.
Trim up
Trim down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com