Electronic Components Datasheet Search
  English  ▼

X  

ALQ07 Datasheet(PDF) 24 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 24 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 20Page - Astec America, Inc ALQ07 Datasheet HTML 21Page - Astec America, Inc ALQ07 Datasheet HTML 22Page - Astec America, Inc ALQ07 Datasheet HTML 23Page - Astec America, Inc ALQ07 Datasheet HTML 24Page - Astec America, Inc ALQ07 Datasheet HTML 25Page - Astec America, Inc ALQ07 Datasheet HTML 26Page - Astec America, Inc ALQ07 Datasheet HTML 27Page - Astec America, Inc ALQ07 Datasheet HTML 28Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Safety Consideration
For safety-agency approval of the system in which the power module is used, the
power module must be installed in compliance with the spacing and separation
requirements of the end-use safety agency standard, i.e., UL1950, CSA C22.2 No.
950-95, and EN60950. The ALQ07 series input-to-output isolation is an basic
insulation. The DC/DC power module should be installed in end-use equipment, in
compliance with the requirements of the ultimate application, and is intended to be
supplied by an isolated secondary circuit. When the supply to the DC/DC power
module meets all the requirements for SELV(<60Vdc), the output is considered to
remain within SELV limits (level 3). If connected to a 60Vdc power system, double or
reinforced insulation must be provided in the power supply that isolates the input
from any hazardous voltages, including the ac mains. One input pin and one output
pin are to be grounded or both the input and output pins are to be kept floating.
Single fault testing in the power supply must be performed in combination with the
DC/DC power module to demonstrate that the output meets the requirement for
SELV. The input pins of the module are not operator accessible.
Note: Do not ground either of the input pins of the module, without grounding
one of the output pins. This may allow a non-SELV voltage to appear between
the output pin and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com