Electronic Components Datasheet Search
  English  ▼

X  

ALQ07 Datasheet(PDF) 26 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 26 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 20Page - Astec America, Inc ALQ07 Datasheet HTML 21Page - Astec America, Inc ALQ07 Datasheet HTML 22Page - Astec America, Inc ALQ07 Datasheet HTML 23Page - Astec America, Inc ALQ07 Datasheet HTML 24Page - Astec America, Inc ALQ07 Datasheet HTML 25Page - Astec America, Inc ALQ07 Datasheet HTML 26Page - Astec America, Inc ALQ07 Datasheet HTML 27Page - Astec America, Inc ALQ07 Datasheet HTML 28Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Mechanical Considerations
Installation
Although ALQ07 series converters can be mounted in any orientation, free
air-flowing must be taken. Normally power components are always put at the end of
the airflow path or have the separate airflow paths. This can keep other system
equipment cooler and increase component life spans.
Soldering
ALQ07 series converters are compatible with standard wave soldering techniques.
When wave soldering, the converter pins should be preheated for 20-30 seconds at
110℃, and wave soldered at 260℃ for less than 10 seconds.
When hand soldering, the iron temperature should be maintained at 425℃ and
applied to the converter pins for less than 5 seconds. Longer exposure can cause
internal damage to the converter. Cleaning can be performed with cleaning solvent
IPA or with water.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com