Electronic Components Datasheet Search
  English  ▼

X  

TLP251 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP251
Description  GaA?밃s Ired & Photo-IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP251 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP251 Datasheet HTML 1Page - Toshiba Semiconductor TLP251 Datasheet HTML 2Page - Toshiba Semiconductor TLP251 Datasheet HTML 3Page - Toshiba Semiconductor TLP251 Datasheet HTML 4Page - Toshiba Semiconductor TLP251 Datasheet HTML 5Page - Toshiba Semiconductor TLP251 Datasheet HTML 6Page - Toshiba Semiconductor TLP251 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP251
2007-10-01
4
Switching Characteristics (Ta = −20~70°C, unless otherwise specified)
Characteristic
Symbol
Test
Cir
−
cuit
Test Condition
Min.
Typ.*
Max.
Unit
L→H
tpLH
―
0.25
1.0
Propagation
delay time
H→L
tpHL
―
0.25
1.0
Output rise time
tr
―
―
―
Output fall time
tf
5
IF = 8mA
VCC1 = +15V, VEE1 = −15V
RL = 200 Ω
―
―
―
μs
Common mode transient
immunity at high level
output
CMH
VCM = 600V, IF = 8mA,
VCC = 30V, Ta = 25℃
−5000
―
―
V / μs
Common mode transient
immunity at low level
output
CML
6
VCM = 600V, IF = 0mA,
VCC = 30V, Ta = 25℃
5000
―
―
V / μs
*All typical values are at Ta=25℃
Test Circuit 1 : IOPH
Test Circuit 2 : IOPL
Test Circuit 3 : VOH
Test Circuit 4 : VOL
8
1
4
VCC1
0.1μF
VOL
VF
RL
VEE1
V
8
1
4
VCC
0.1μF
IOPL
A
V6-5
8
1
4
VCC1
0.1μF
VOH
V
IF
RL
VEE1
8
1
4
VCC
0.1μF
IOPH
V8-6
IF
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com