Electronic Components Datasheet Search
  English  ▼

X  

TLP251 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP251
Description  GaA?밃s Ired & Photo-IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP251 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP251 Datasheet HTML 1Page - Toshiba Semiconductor TLP251 Datasheet HTML 2Page - Toshiba Semiconductor TLP251 Datasheet HTML 3Page - Toshiba Semiconductor TLP251 Datasheet HTML 4Page - Toshiba Semiconductor TLP251 Datasheet HTML 5Page - Toshiba Semiconductor TLP251 Datasheet HTML 6Page - Toshiba Semiconductor TLP251 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP251
2007-10-01
3
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Input current, on
(Note6)
IF(ON)
7
8
10
mA
Input voltage, off
VF(OFF)
0
―
0.8
V
Supply voltage
VCC
10
―
30
20
V
Peak output current
IOPH / IOPL
―
―
±0.1
A
Operating temperature
Topr
−20
25
70
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Note 6: Input signal rise time(fall time)<0.5
μs.
Electrical Characteristics (Ta = −20~70°C, unless otherwise specified)
Characteristic
Symbol
Test
Cir
−
cuit
Test Condition
Min.
Typ.*
Max.
Unit
Input forward voltage
VF
―
IF = 10 mA , Ta = 25°C
―
1.6
1.8
V
Temperature coefficient of forward
voltage
ΔVF / ΔTa
―
IF = 10 mA
―
−2.0
―
mV / °C
Input reverse current
IR
―
VR = 5V, Ta = 25°C
―
―
10
μA
Input capacitance
CT
―
V = 0 , f = 1MHz , Ta = 25°C
―
45
250
pF
“H” level
IOPH
1
IF = 10mA
V8−6 = 4V
−0.1
−0.25
―
Output current
“L” level
IOPL
2
VCC=30V
(*1)
IF =0
V6−5 = 2.5V
0.1
0.2
―
A
“H” level
VOH
3
VCC1 = +15V, VEE1 = −15V
RL = 200Ω, IF = 5mA
11
13.2
―
Output voltage
“L” level
VOL
4
VCC1 = +15V, VEE1 = −15V
RL = 200Ω, VF = 0.8V
―
−14.5
−12.5
V
VCC = 30V, IF = 10mA
Ta = 25°C
―
7.5
―
“H” level
ICCH
―
VCC = 30V, IF = 10mA
―
―
11
VCC = 30V, IF = 0mA
Ta = 25°C
―
8
―
Supply current
“L” level
ICCL
―
VCC = 30V, IF = 0mA
―
―
11
mA
Threshould input
current
“Output
L → H
”
IFLH
―
VCC1 = +15V, VEE1 = −15V
RL = 200Ω, VO > 0V
―
1.2
5
mA
Threshold input
voltage
“Output
H → L
”
VFHL
―
VCC1 = +15V, VEE1 = −15V
RL = 200Ω, VO < 0V
0.8
―
―
V
Supply voltage
VCC
―
10
―
35
V
Capacitance
(input
−output)
Cs
―
Vs = 0 , f = 1MHz
Ta = 25℃
―
1.0
2.0
pF
Resistance (input
−output)
Rs
―
Vs = 500V, Ta = 25℃
R.H. ≤ 60%
1×10
12
10
14
―
Ω
* All typical values are at Ta=25
°C
(*1): Duration of IO time ≤ 50μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com