Electronic Components Datasheet Search
  English  ▼

X  

TLP251 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP251
Description  GaA?밃s Ired & Photo-IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP251 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP251 Datasheet HTML 1Page - Toshiba Semiconductor TLP251 Datasheet HTML 2Page - Toshiba Semiconductor TLP251 Datasheet HTML 3Page - Toshiba Semiconductor TLP251 Datasheet HTML 4Page - Toshiba Semiconductor TLP251 Datasheet HTML 5Page - Toshiba Semiconductor TLP251 Datasheet HTML 6Page - Toshiba Semiconductor TLP251 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP251
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo-IC
TLP251
Inverter For Air Conditioner
Induction Heating
Transistor Inverter
Power MOS FET Gate Drive
IGBT Gate Drive
The TOSHIBA TLP251 consists of a GaAℓAs light emitting diode and a
integrated photodetector.
This unit is 8-lead DIP package.
TLP251 is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP251 is capable of “direct” gate drive of lower power IGBTs.
(~15A)
Input threshold current: IF=5mA(max.)
Supply current (ICC): 11mA(max.)
Supply voltage (VCC): 10−35V
Output current (IO): ±0.4A(max.)
Switching time (tpLH / tpHL): 1μs(max.)
Isolation voltage: 2500Vrms(min.)
UL recognized: UL1577, file no.E67349
Option(D4)
VDE Approved : DIN EN60747-5-2
Maximum Operating Insulation Voltage : 890VPK
Highest Permissible Over Voltage
: 4000VPK
(Note):When a EN60747-5-2 approved type is needed,
Please designate “Option(D4)”
Truth Table
Tr1
Tr2
On
On
Off
Input
LED
Off
Off
On
Pin Configuration (top view)
8
7
6
5
1 : N.C.
2 : Anode
3 : Cathode
4 : N.C.
1
2
3
4
5 : GND
6 : VO (Output)
7 : N.C.
8 : VCC
TOSHIBA
11−10C4
Weight: 0.54g(typ.)
Unit in mm
Schematic
A 0.1μF bypass capcitor must be connected
between pin 8 and 5(see Note 5).
2
VF
IF
3
ICC
(Tr 1)
VO
GND
(Tr 2)
IO
VCC
8
6
5


Similar Part No. - TLP251

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
01-Jun-2001
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
01-Jun-2001
TLP251F TOSHIBA-TLP251F Datasheet
153Kb / 3P
GaA?밃s Ired & Photo−IC
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
GaA?밃s Ired & Photo−IC
More results

Similar Description - TLP251

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com